PART |
Description |
Maker |
M48T37V M48T37Y M4T32-BR12SH M48T37V-10MH1 M48T37V |
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
|
STMICROELECTRONICS[STMicroelectronics]
|
M48T35AV-10MH1 M48T35AV-10MH1E M48T35AV-10MH1F M48 |
256 KBIT (32KB X8) TIMEKEEPER SRAM
|
ST Microelectronics
|
M48T35AV M48T35AV-10MH1 M48T35AV-10MH1TR M48T35AV- |
256 Kbit 32Kb x8 TIMEKEEPER SRAM 256千位2KB的SRAM x8计时 ER 5C 5#16 PIN PLUG
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M48Z35-70MH1 M48Z35-70MH1TR M48Z35-70MH6 M48Z35-70 |
256 Kbit (32 Kbit x 8) ZEROPOWER SRAM 256 Kbit 32Kb x8 ZEROPOWER SRAM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
M27256 M27256-F1 M27256-F6 M27256-4F6 M27256-1F1 M |
NND - NMOS 256 KBIT (32KB X8) UV EPROM NMOS 256K 32K x 8 UV EPROM 32K X 8 UVPROM, 200 ns, CDIP28 32K X 8 UVPROM, 250 ns, CDIP28
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
M68AW031A M68AW031AM70NS6U |
256 KBIT (32K X8) 3.0V ASYNCHRONOUS SRAM 256 Kbit (32K x8) 3.0V Asynchronous SRAM CAC 6C 6#16S PIN PLUG
|
ST Microelectronics 意法半导
|
24C64 M24C64 M24C64BN1T M24C64-BN3 M24C64-BN3P M24 |
20-Bit Bus-Interface D-Type Latch With 3-State Outputs 56-SSOP -40 to 85 RECTIFIER SCHOTTKY SINGLE 10A 35V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE 64/32千位串行I?C总线的EEPROM 1-Bit To 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 64Kbit32Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS 16-Bit Transparent D-Type Latch With 3-State Outputs 48-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM Collier 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 3.3-V 20-Bit Flip-Flop With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 18-Bit To 36-Bit Registered Bus Exchanger With 3-State Outputs 80-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM ECONOLINE: RSZ/P - 1kVDC FUSE 18-Bit Universal Bus Driver with 3-State Outputs 56-SSOP -40 to 85 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 64/32KbitSerialICBusEEPROM 64/32 Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial IC Bus EEPROM 64/32 Kbit Serial IC Bus EEPROM 64Kbit and 32Kbit Serial I?C Bus EEPROM 64/32 Kbit Serial I?C Bus EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M28C256-15NS1T M28C256-15WBS1T M28C256-15BS1T M282 |
Connector assemblies, Network cables; Drop Ship:Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Flat Lever; Switch Terminals:Solder Lug; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Locking Lever; Switch Terminals:Solder Lug; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes Octal Buffers/Drivers With 3-State Outputs 20-SOIC 0 to 70 256千位(的32KB × 8)与软件数据保护并行的EEPROM 256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection 256千位(的32KB × 8)与软件数据保护并行的EEPROM Octal Buffers/Drivers With 3-State Outputs 20-PDIP 0 to 70 256千位(的32KB × 8)与软件数据保护并行的EEPROM 256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection 256千位2KB的EEPROM与x8并行软件数据保护 Octal Buffers/Drivers With 3-State Outputs 20-SO 0 to 70 256千位(的32KB × 8)与软件数据保护并行的EEPROM
|
意法半导 STMicroelectronics N.V.
|
M93C46-DS3G_S M93C46-DS3G_W M93C46-DS3P_S M93C46-D |
256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 512 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8 1K X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIREserial access EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE? serial access EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE庐 serial access EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE垄莽 serial access EEPROM
|
意法半导 STMicroelectronics
|
SST27SF020-70-3C-PH |
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
|
SST
|
CA4900S |
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
|
|